Part Number Hot Search : 
3844A 25ETT SD275N7 14113 BF503 BBY5702 ML63512 AQV258AX
Product Description
Full Text Search
 

To Download UUB1V470MCL Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 ALUMINUM ELECTROLYTIC CAPACITORS
UB
Chip Type, High Reliability
series
WH
High Temperature
Chip type, high temperature range, for +125C use. Applicable to automatic mounting machine using carrier tape. Adapted to the RoHS directive (2002/95/EC).
Reflow
CJ
Added ESR specification at - 40C
UB
High Temperature
UX
Specifications
Item Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Leakage Current tan Performance Characteristics
- 40 ~ +125C 10 ~ 50V 10 ~ 330F 20% at 120Hz, 20C After 1 minute's application of rated voltage, leakage current is not more than 0.03CV or 4(A) , whichever is greater.
Measurement frequency : 120Hz, Temperature : 20C Rated voltage (V) tan (MAX.)
10 0.32
16 0.24 10 12
25 0.21 16 8 25 6
35 0.18 35 4
50 0.18 50 4
Measurement frequency : 120Hz
Stability at Low Temperature
Rated voltage (V)
Impedance ratio ZT / Z20 (MAX.)
Z- 40C / Z+20C
Endurance
After 2000 hours' (8 x 6.2 : 1000 hours) application of rated voltage at 125C, capacitors meet the characteristic requirements listed at right.
Capacitance change tan Leakage current
Within 30% of initial value 300% or less of intial specified value Initial specified value or less
Shelf Life Resistance to soldering heat Marking
After storing the capacitors under no load at 125C for 1000 hours, and after performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20C, they will meet the specified value for endurance characteristics listed above. The capacitors shall be kept on the hot plate maintained at 250C Capacitance change Within 10% of initial value for 30 seconds. After removing from the hot plate and restored tan Initial specified value or less at room temperature, they meet the characteristic requirements Leakage current Initial specified value or less listed at right. Black print on the case top.
(8 x 6.2)
Chip Type
A0.2 A0.2
125C Marking Capacitance Lot No.
C0.2
0.5MAX.
Plastic platform 0.3MAX. Voltage
fD0.5
Positive
Type numbering system (Example : 10V 100F)
UUB 1 A 1 0 1 MCL 1GS
Configuration Capacitance tolerance (20%) fD L Code Rated Capacitance (100mF) 8 6.2 CL 8 10 NL Rated voltage (10V) 10 10 NL Series name Type Taping code
1 2 3 4 5 6 7 8 9 10 11 12 13 14
B0.2
A2E 100 10V
Trade mark
L0.3
(8 x 10, 10 x 10)
H C0.2
A0.2 A0.2
125C Marking Capacitance Lot No. Voltage Trade mark
fD0.5
0.5MAX.
Plastic platform 0.3MAX.
B0.2
E
Negative Positive
fD
L0.5 Pressure relief vent
Dimensions
Cap.(F) V Code
H
Negative
A B C E L H
L
86.2 810 1010 3.3 2.9 3.2 8.3 8.3 10.3 8.3 8.3 10.3 2.3 3.1 4.5 6.2 10 10 0.5 ~ 0.8 0.8 ~ 1.1 0.8 ~ 1.1
25 1E
(mm)
A2E 330 10V
10 1A
E
16 1C
35 1V
8 x 6.2 8 x 6.2 8 x 10 10 x 10
50 1H
24 38 46 58 Rated ripple
10 22 33 47 100 220 330
100 220 330 470 101 221 331
8 x 6.2 8 x 10 10 x 10
58 90 112
8 x 10 10 x 10
66 102
8 x 6.2 8 x 10 10 x 10
48 74 116
8 x 6.2 8 x 10 10 x 10
44 52 80
Case size D x L (mm)
Rated Ripple (mArms) at 125C 120Hz
Frequency coefficient of rated ripple current
Frequency Coefficient 50 Hz 0.70 120 Hz 1.00 300 Hz 1.17 1 kHz 1.36 10 kHz~ 1.50
Taping specifications are given in page 24. Recommended land size, soldering by reflow are given in page 25, 26. Please select UH(p.78) series if high CV products are required. Please refer to page 3 for the minimum order quantity.
CAT.8100V


▲Up To Search▲   

 
Price & Availability of UUB1V470MCL

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X